Part Number Hot Search : 
LTC1660 DF6109A R5001015 Y100E IPB05 A0512 LAN91 721A240
Product Description
Full Text Search
 

To Download SL1026A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gas Discharge Tubes
Heavy Duty Delta Range
RoHS
Pb
GreentubeTM SL1026 Series Gas Plasma Arresters
(R)
The SL1026 series is a heavy-duty transient suppresser using Gas Plasma technology. In response to a transient voltage which exceeds the fixed breakover voltage (selected according to part number) the device changes from a very high impedance state to a low impedance state, there by conducting harmful current away from the protected system. The design is optimized for the protection of electrical and electronic equipment employed in Railway systems: carefully designed geometry ensures the device does not become a short circuit in the event of a failure due to conditions and events beyond the design criteria. An electrical mounting clip (PN SL1053 ) is available to aid mounting and connection. A mounting plate (PN SL 1056) is also available which accepts 10 SL1053's. Mounting of the clips to the plate provides a common ground connection; the plate can then be connected to a suitable ground via the screw terminal.
FEATURES
* RoHS compliant * 55 kA surge capability (single shot) tested with 8/20S pulse
as defined by IEC 61000-4-5
* 40 kA surge capability (repetitive) * Will protect against Trapezoidal waveforms as specified in
8
GAS DISCHARGE TUBES
RIA 12.
* Will protect against capacitor discharge voltage transient
waveforms as specified in RIA 12.
* Will protect against double exponential voltage transient
waveforms as specified in IEC 571.
TYPE 1053 Holder
Applications:
* Signaling equipment. * Communication equipment * Control gear. * Trackside cabinets. * Cell phone base stations
a
b
e
3 ELECTRODE GDT a=TIP b=RING e=GROUND (centre electrode) GRAPHICAL SYMBOL
All dimensions in mm
Mechanical Specifications:
Weight: Materials:
11g (0.388 oz.) Electrode Base: Nickel Iron Alloy Electrode Plating: Bright Sn Body: Ceramic Color coded body SL1026A275: Black/Black SL1026A400: Black/Yellow SL1026A700: Black/Red
ORDERING INFORMATION
SL 1026 - Voltage
Device Marking:
w w w. l i t t e l f u s e . c o m
349
Gas Discharge Tubes
Heavy Duty Delta Range
RoHS
Pb
GreentubeTM SL1026 Series Gas Plasma Arresters
(R)
LITTELFUSE MAXIMUM DUTY 3 TERMINAL ARRESTER TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
Max Max Max Max Single Dynamic Repetitive Single Impulse DC Breakover Impulse Impulse Breakover Voltage Discharge Discharge Discharge Max AC DC Voltage @ 1kV/us Current(4)(9) Current(4)(9) Current(1)(4) Current(4)(7) (Vbr) (A) (A) Part Number Voltage (A) (A) (Vbr) SL1026-275 SL1026-400 SL1026-700 SL1026-1100 275 400 700 1100 200-350 300-500 560-840 880-1320 800 900 1000 1700 40,000 40,000 40,000 40,000 55,000 55,000 55,000 55,000 10,000 10,000 10,000 10,000 40 40 40 40 Max AC Current, Nominal 9 cycles Insulation Max Holdover On-State 50Hz(4) Resistance(10) Capacitance(4) Voltage(3) Voltage @ (Ohms) (A) (pF) 1A (V) (V) 200 200 200 200 1x108 1x108 1x108 1x108 2.5 2.5 2.5 2.5 130 130 130 130 20 20 20 20
(1) At delivery AQL 0.65 level II, DIN ISO 2859 (2) In ionized mode (3) Tested according to ITU-T Rec.K.12 (4) Either end electrode to center electrode (5) Total current through center electrode, both line electrodes connected together (6) 100 amps, 10/1000S pulse, as per ITU K 12 (7) 10 shots, A.C. 50Hz, 1 sec. Duration. (9) 10 shots, 8/20S waveform (10) measured @ 100 volts
Voltage vs Time Characteristic
Max dynamic breakover voltage
Voltage (V)
Hold-over voltage
On-State voltage
0
200
400
600 Time (ns)
800
1000
1200
350
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of SL1026A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X